Part Number Hot Search : 
68HC90 RM13TR KGR80 SC1158 EZ10D5 ZCAT2235 FC109 2SK1834
Product Description
Full Text Search
 

To Download NDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CALIFORNIA MICRO DEVICES
NDC
ISOLATED RESISTOR NETWORK
California Micro Devices resistor arrays are the hybrid equivalent to the isolated resistor networks available in surface mount packages. The resistors are spaced on ten mil centers resulting in reduced real estate. These chips are manufactured using advanced thin film processing techniques and are 100% electrically tested and visually inspected.
TCR Operating Voltage Power Rating (per resistor) Thermal Shock High Temperature Exposure Moisture Resistance Life Noise Short Time Overload Insulation Resistance
90
Parameter
-55C to +125 -55C to +125 @ 70C (D erate linearly to zero @ 150C) Method 107 MIL-STD -202F 100 Hrs @ 150C Ambient Method 106 MIL-STD -202F Method 108 MIL-STD -202F (125C/1000hr) Method 308 MIL-STD -202F 250k MIL-R-83401 @25C
ELECTRICAL SPECIFICATIONS Test Condition
100ppm/C 50Vdc 50mw 0.25%@R 0.25%R 0.5%R 0.5%R -35 dB -30 dB 0.25% 1 X 1 0 12
Max Max Max Max Max Max Max Max Max Max Min
8 resistors from 100 to 346
R1 R2 R3 R4 R5 R6 R7 R8 60
VALUES
Substrate Isolation Layer Backing Metalization
MECHANICAL SPECIFICATIONS
Silicon 102 mils thick SiO2 10,000A thick, min Lapped (gold optional) Aluminum 10,000A thick, min (15,000A gold optional) Silicon nitride
Formats Die Size: 903 x 603 mils Bonding Pads: 5x7 mils typical
Passivation
PACKAGING
Two inch square trays of 196 chips maximum.
NOTE S
1. Resistor pattern may vary from one value to another.
CC
Series
5003
Value First 3 digits are significant value. Last digit represents number of zeroes. R indicates decimal point.
F
Tolerance TCR D = 0.5% No Letter =100ppm F = 1% A = 50% G = 2% B = 25% J = 5% K = 10% M = 20%
PART NUMBER DESIGNATION N A G W
Bond Pads G = Go l d No Letter=Aluminum
Backing W = Go l d L = Lapped No Letter=Either
P
Ratio Tolerance No Letter=1% P = 0.5%
(c) 2000 California Micro Devices Corp. All rights reserved. 4/00
C0820400
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1


▲Up To Search▲   

 
Price & Availability of NDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X